PART |
Description |
Maker |
UFMMT497TA |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
MPSW42RLRB |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA INC
|
P038 MPSD01 |
500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
DDTD133HC-7-F DDTD143EC DDTD113EC DDTD113EC09 DDTD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
PDTD123YT215 |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
MMBTA0511 MMBTA05-TP |
NPN Small Signal General Purpose Amplifier Transistors TRANSISTOR NPN GP 60V SOT23 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp.
|
2N6517BU 2N6517BUNL |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, 350 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 500 mA, 350 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
FMMT38A FMMT38B FMMT38C FMMT38CTA |
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 300 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Fairchild Semiconductor
|
S8050-C S8050-B S8050-D S8050-C-BP S8050-D-AP |
NPN Silicon Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
PZTA06 MMBTA06 MPSA06 |
NPN General Purpose Amplifier(NPN通用放大 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|