PART |
Description |
Maker |
M74HCT648 M74HCT646 2127 M74HCT646B1R M74HCT648M1R |
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE / INV. HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. From old datasheet system HCT646 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE)HCT648 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE, INV.) HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PI74FCT623T PI74FCT623TP PI74FCT623ATP |
FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDIP20 Single 8-bit Bus Transceiver 位总线收发 FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
MtronPTI Pericom Semiconductor Corporation
|
74ACT245T 74ACT245TTR 74ACT245 74ACT245B 74ACT245M |
OCTAL BUS TRANSCEIVER (3-STATE) OCTAL BUS TRANSCEIVER 3-STATE OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
LT1521-3.3 LT1521CS8-3.3 LT1521CST-3.3 LT1521IS8-3 |
Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-PDIP 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Octal Bus Transceivers 20-SOIC 0 to 70 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Linear Technology Corporation Linear Technology, Corp.
|
N74F640 N74F640D N74F640N 74F640 74F640_2 |
Octal bus transceiver / inverting 3-State From old datasheet system Octal bus transceiver, inverting (3-State) Octal bus transceiver, inverting 3-State Octal bus transceiver inverting 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74F545 74F545SC 74F545PC 74F545SCX |
Single 8-bit Bus Transceiver F/FAST SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 From old datasheet system Octal Bidirectional Transceiver with 3-STATE Outputs Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VHCT245A 74VHCT245AM 74VHCT245AT 5883 |
OCTAL BUS TRANSCEIVER 3-STATE OCTAL BUS TRANSCEIVER (3-STATE) From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
TC74HCT652AP E004960 |
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE) From old datasheet system OCTAL BUS TRANSCEIVER / REGISTER (3-STATE)
|
TOSHIBA[Toshiba Semiconductor]
|
HD74LS641-1 HD74LS641-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(non-inverted open-collector outpurs) Octal Bus Transceivers with non-inverted open-collector outputs
|
Hitachi Semiconductor
|
IDT74LVCH245A 74LVCH245A_DS_86467 IDT74LVCH245ASO |
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD From old datasheet system
|
IDT[Integrated Device Technology]
|
74AC245 74AC245B 74AC245M 4699 |
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED) From old datasheet system
|
STMicroelectronics
|