PART |
Description |
Maker |
MICRF501 MICRF501BLQ |
512 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN 300MHz to 600MHz RadioWireRF Transceiver 300MHz to 600MHz RadioWire RF Transceiver 300MHz to 600MHz RadioWire⑩ RF Transceiver
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX2640AUTT MAX2640EUTT MAX2640EUT-T MAX2641EUTT M |
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
|
Maxim Integrated Products
|
LT5515 |
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
|
Linear
|
MAX477 MAX477EPA MAX477ESA MAX477EUA MAX477EUK-T M |
300MHz High-Speed Op Amp
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
PMB2201 |
Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz
|
Siemens Semiconductor Group
|
2SA1724 |
High fT (fT = 1.5GHz typ). High Current (IC = 300mA). Adoption of FBET process.
|
TY Semiconductor Co., Ltd
|
MAX7044 |
300MHz to 450MHz High-Efficiency Crystal-Based 13dBm ASK Transmitter
|
Maxim Integrated Products
|
SY58035U SY58035UMITR |
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION 4.5GHz:6的LVPECL扇出缓冲器与2:1 MUX输入和内部终 4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION 58035 SERIES, LOW SKEW CLOCK DRIVER, 6 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), QCC32
|
Micrel Semiconductor, Inc.
|
RFFM4202 |
2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
|
RFMD
|
RFFM4201SQ RFFM4201TR7 RFFM4201SB RFFM4201PCK-410 |
3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
|
RF Micro Devices
|
RFFM7600 RFFM7600PCK-410 RFFM7600SB RFFM7600SQ RFF |
5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
|
RF Micro Devices
|
RFFM4202TR7 RFFM4202PCK-410 RFFM4202SQ RFFM4202SR |
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
|
RF Micro Devices
|