PART |
Description |
Maker |
WMS128K8V-17 WMS128K8V-35 WMS128K8V-20DRMA WMS128K |
128Kx8 3.3V Monolithic SRAM(128Kx8,3.3V,单片静态RAM(存取时7ns 128Kx8 3.3单片的SRAM28Kx83.3伏,单片静态随机存储器(存取时间为35ns)) 128K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 128K X 8 STANDARD SRAM, 15 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 17 ns, CDIP32 SINGLE CAVITY, SIDE BRAZED, CERAMIC, DIP-32 128K X 8 STANDARD SRAM, 20 ns, CDFP32
|
White Electronic Designs Corporation White Electronic Designs, Corp.
|
CY7C1019CV33 CY7C1019CV33-12VI CY7C1019CV33-15VC C |
128K x 8 Static RAM 128K的8静态RAM JT 26C 26#20 SKT RECP 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
UPD431000AGW-85LL-E2 UPD431000AGW-85L-E2 UPD431000 |
128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, LEAD FREE, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K X 8 STANDARD SRAM, 120 ns, PDSO32
|
RCD Components, Inc.
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
UPD441000LF1-BA1-B10X UPD441000LF1-BA1-C12X UPD441 |
128K X 8 STANDARD SRAM, 100 ns, PBGA36 128K X 8 STANDARD SRAM, 120 ns, PBGA36 128K X 8 STANDARD SRAM, 150 ns, PBGA36
|
|
IS62LV12816ALL-10B IS62LV12816ALL-55B IS62LV12816A |
128K X 16 STANDARD SRAM, 70 ns, PDSO44 128K x 16 CMOS static RAM 128K X 16 STANDARD SRAM, 55 ns, PDSO44
|
Integrated Silicon Solution Inc
|
MT5C1009SOJ-35E/XT MT5C1009SOJ-55E/XT MT5C1009SOJ- |
128K X 8 STANDARD SRAM, 35 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 55 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 70 128K X 8 STANDARD SRAM, 35 ns, CDFP32
|
Micross Components Austin Semiconductor, Inc
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
CXK5T81000ATN/AYN-10LLX CXK5T81000ATN/AYN-12LLX CX |
128K X 8 STANDARD SRAM, 120 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 131072-word x 8-bit High Speed CMOS Static RAM
|
Electronic Theatre Controls, Inc. SONY
|
MSM8128GL-85 MSM8128GLI-85 MSM8128GLMB-85 MSM8128W |
128K X 8 STANDARD SRAM, 85 ns, CDFP32 128K X 8 STANDARD SRAM, 85 ns, CQCC32
|
Twilight Technology, Inc. Venkel, Ltd.
|
|