PART |
Description |
Maker |
LC0404FC15C-LF-T75-1 LC0404FC3.3C-LF-T75-1 LC0404F |
200 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE, DO-201
|
PROTEK DEVICES
|
CT50E CT35E CT130E CT120E CT200E CT110E |
DIAC (BIDIRECTIONAL DIODE THYRISTOR)|58V V(BO) MAX|50UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|40V V(BO) MAX|50UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|138V V(BO) MAX|25UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|125V V(BO) MAX|25UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|215V V(BO) MAX|15UA I(S)|DO-204AL DIAC (BIDIRECTIONAL DIODE THYRISTOR)|118V V(BO) MAX|25UA I(S)|DO-204AL 移民部(双向二极管晶闸管)| 118V五(公报)最大| 25UA我(县)|的DO - 204AL
|
NJR
|
LC0406FC3.3C07 LC0406FC36C LC0406FC05C LC0406FC08C |
LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
ULC0404FC12C |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
APT30D20SG APT30D20B APT30D20B_05 APT30D20BG APT30 |
30 A, 200 V, SILICON, RECTIFIER DIODE, TO-247 Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Advanced Power Technolo... Microsemi, Corp. ADPOW[Advanced Power Technology]
|
JANTX1N6145A JAN1N6112A JANTX1N6148A |
BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
TVS二极- 瞬态电压抑 Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
STA60K8.9P STA60K22.6P STA60K57P STA60K45P |
60,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS LOW VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 60000 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Solid State Devices, Inc. Solid States Devices, Inc. Solid States Devices, I...
|
SA12A-T SA20CA-T SA10CA-T SA15CA-T SA7V0CA |
TVS UNI-DIR 12V 500W DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 20V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 10V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 15V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes, Inc. Diodes Incorporated
|
SMBG17CA MASMBG17CAE3 MQSMBG17C MQSMBG17CA MASMBG1 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
|