PART |
Description |
Maker |
CQ218I-25DLEADFREE CQ218I-25NLEADFREE CQ218I-40MLE |
400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 25 AMP TRIAC 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 25 AMP TRIAC 200 THRU 800 VOLTS 400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
TIC206D |
400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
BOURNS INC
|
CQ202-4DLEADFREE |
400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202
|
CENTRAL SEMICONDUCTOR CORP
|
MAC2238FP MAC2288FP Q4015L5 SC245D5 T0505NH SC245B |
600 V, 25 A, TRIAC, TO-220AB 600 V, 8 A, TRIAC, TO-220AB 400 V, 15 A, TRIAC, TO-220AB 400 V, 10 A, TRIAC 800 V, 5 A, TRIAC, TO-220AB 200 V, 10 A, TRIAC 600 V, 15 A, TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 5 A, TRIAC, TO-220AB 400 V, 15 A, TRIAC, TO-48 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 200 V, 15 A, TRIAC, TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 400 V, 8 A, TRIAC, TO-220AB 400 V, 12 A, TRIAC, TO-220AB
|
Semitronics, Corp.
|
FT0607DH00TU FT0607MH00TU |
400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
|
MAC218A10FP MAC218-10FP MAC218-6FP MAC218-4FP MAC2 |
ISOLATED TRIACs THYRISTORS 8 AMPERES RMS 200 thru 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
BTB10C BTB10B 2926 BTB10-700B BTA10-400C |
400 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Transient Voltage Suppressor Diodes From old datasheet system STANDARD TRIACS
|
STMICROELECTRONICS
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
934057063135 568-2198-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0109NA0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0107MAT/R 934057056116 934057056412 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
|