PART |
Description |
Maker |
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
1N6626D3A 1N6626D3B 1N6626D3A-JQRS.GRPB 1N6626D3B- |
ULTRA FAST RECOVERY POWER RECTIFIER 1.75 A, 200 V, SILICON, RECTIFIER DIODE CERAMIC, DLCC3 VARIANT A, 2 PIN 1.75 A, 200 V, SILICON, RECTIFIER DIODE CERAMIC, DLCC3 VARIANT B, 2 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|
HSMP-4820 HSMP-3864 HSMP-3890 HSMP-3892 HSMP-3893 |
Surface Mount PIN Diodes 100 V, SILICON, PIN DIODE 50 V, SILICON, PIN DIODE 200 V, SILICON, PIN DIODE Surface Mount PIN Diodes 表面贴装PIN二极 Surface Mount PIN Diodes(表贴PIN 二极
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] http:// Agilent(Hewlett-Packard...
|
BYV52PI-200RG |
30 A, 200 V, SILICON, RECTIFIER DIODE PLASTIC, TOP3I, 3 PIN
|
ST Microelectronics STMICROELECTRONICS
|
SBYV27-200/73 |
2 A, 200 V, SILICON, RECTIFIER DIODE, DO-204AC PLASTIC, DO-15, 2 PIN
|
Vishay Beyschlag
|
BYD33DGP-HE3 BYD33GGP-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Semiconductors
|
DH50209-51 DH50058-53T3 DH50058-51T10 |
200 V, SILICON, PIN DIODE 35 V, SILICON, PIN DIODE
|
TEMEX COMPONENTS
|
RGP10D |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, PLASTIC, DO-41, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
FEP-E330DP-E3 |
DIODE 30 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AD, PLASTIC, TO-3P, 3 PIN, Rectifier Diode
|
Vishay Semiconductors
|
1Z6.8A 1Z9.1A 1Z8.2A 1Z13A |
200 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 LEAD FREE, PLASTIC, SC-39, 2 PIN
|
Microsemi, Corp.
|
|