PART |
Description |
Maker |
BD9E151NUX |
1ch Step-Down Switching Regulator
|
ROHM
|
BD90640EFJ-C BD90640HFP-E2 BD90640HFP-CTR BD90620H |
1ch Step-Down Switching Regulator
|
Rohm
|
BD90610EFJ-C |
Input 3.5 V to 36 V Output 1.25A 1ch Step-Down Regulator
|
Rohm Co., Ltd.
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BD9300FV |
1ch Switching Regulator Controller
|
ROHM[Rohm]
|
LTC1735IGN-1TR LTC1735-1-15 |
High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Synchronous Step-Down Switching Regulator
|
Linear Technology, Corp.
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
LTC1876EG LTC1876 |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
|
Linear Technology
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|