PART |
Description |
Maker |
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
NESG3031M05 NESG3031M05-T1 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC Corp. NEC[NEC]
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SB1011 |
Power Device - Power Transistors - General-Purpose power amplification Silicon PNP Transistor Silicon PNP triple diffusion planar type
|
Panasonic Corporation
|
2SB1645 |
Silicon PNP triple diffusion planar type Darlington(For power amplification) 8 A, 160 V, PNP, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MJE5731A MJE5731 MJE5730 ON2039 |
POWER TRANSISTORS PNP SILICON 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1.0 AMPERE POWER TRANSISTORS From old datasheet system
|
ON Semiconductor
|
BDX54 BDX54C BDX54B BDX54A |
8 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER DARLINGTONS RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 05V; Power: 2W; 2W Single and Dual Outputs
|
Power Innovations Ltd POINN[Power Innovations Limited] Power Innovations International, Inc.
|
2N4919G |
Bipolar Power C77 PNP 3A 60V; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 500 3 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-225AA
|
ON Semiconductor
|
2SA1394 2SA1394L 2SA1394-AZ |
5 A, 60 V, PNP, Si, POWER TRANSISTOR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON POWER TRANSISTOR
|
NEC Corp. NEC[NEC]
|
MJL21193 MJL21193-D MJL21194 |
Power 16A 250V NPN Silicon Power Transistors From old datasheet system TRANSISTOR,BJT,PNP,250V V(BR)CEO,160A I(C),TO-264 Power 16A 250V PNP
|
ON Semiconductor
|
SDH03 |
PNP NPN Darlington H-bridge PNP NPN Darlington Transistors (H-bridge)(PNP NPN达林顿晶体管(H桥)) 1.5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|