PART |
Description |
Maker |
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
FM400109 FM4003-T FM4001-T |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 200 V, SILICON, SIGNAL DIODE, DO-214AC 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
BYD33DGP-HE3 BYD33GGP-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Semiconductors
|
BAV21WS BAV19WS BAV20WS-TP |
250mW Small Signal Diodes 120 to 250 Volts DIODE GP 200V 200MA SOD323 0.2 A, 200 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAV202GS08 |
0.25 A, 200 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
1N4003GPE |
1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN
|
Vishay Beyschlag
|
MUR120-T MUR120-B |
1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Diodes, Inc.
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
|