PART |
Description |
Maker |
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
256KX18 128KX36 IS61NVP25618A IS61NLP12832B-200B2 |
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 TQFP-100 128K X 36 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. Integrated Silicon Solu...
|
CY7C1356A-166AC CY7C1354A-133BGCT |
512K X 18 ZBT SRAM, 3.6 ns, PQFP100 256K X 36 ZBT SRAM, 4.2 ns, PBGA119
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C1355A-117BGC CY7C1355A-117BGI CY7C1357A-100AC |
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
K7N803601B K7N801801B K7N803601B-PI160 K7N801801B- |
256Kx36 & 512Kx18 Pipelined NtRAM 256K X 36 ZBT SRAM, 3.5 ns, PQFP100 512K X 18 ZBT SRAM, 3.5 ns, PQFP100
|
Samsung semiconductor
|
MCM63Z818TQ133R MCM63Z818TQ100 MCM63Z736TQ133R |
128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM 256K X 18 ZBT SRAM, 4.2 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM 256K X 18 ZBT SRAM, 5 ns, PQFP100
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
CY7C1352B-133AC CY7C1352B-80AC CY7C1352B CY7C1352B |
256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 4 ns, PQFP100 256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 4.2 ns, PQFP100 256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 18 Pipilined SRAm with NoBL Architecture 256K X 18 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1474V33-167BGC CY7C1470V33-250AXC CY7C1470V33- |
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 1M X 72 ZBT SRAM, 3.4 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61NVP51236-200B3 IS61NLP51236-250B3 IS61NVP51236 |
256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 36 ZBT SRAM, 3.1 ns, PBGA165 256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 36 ZBT SRAM, 2.6 ns, PBGA165 256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 36 ZBT SRAM, 2.6 ns, PQFP100 256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM 1M X 18 ZBT SRAM, 2.6 ns, PQFP100
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
AS7C33256NTD18A-100TQI AS7C33256NTD18A-133TQI AS7C |
256K X 18 ZBT SRAM, 12 ns, PQFP100 256K X 18 ZBT SRAM, 10 ns, PQFP100 256K X 16 ZBT SRAM, 10 ns, PQFP100 256K X 16 ZBT SRAM, 12 ns, PQFP100
|
ALLIANCE SEMICONDUCTOR CORP INTEGRATED SILICON SOLUTION INC
|
|