PART |
Description |
Maker |
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
KTA1024 KTA102407 KTA1024Y |
EPITAXIAL PLANAR PNP TRANSISTOR 50 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
|
KEC(Korea Electronics)
|
D1103 D3232 D45D1 D43D6 D45D3 D45D5 DG189AP/883B D |
Refresh Counter TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 4A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3 Non-Muxed Address DRAM Muxed地址内存 Analog Switch 模拟开 Peripheral Miscellaneous 周边杂项
|
Intersil, Corp. Rochester Electronics, LLC
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
FXT3866SM FXT449SM FXT549SM FXT749SM FXT649SM FXT6 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 500MA I(C) | SO TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SO 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | SOT-89 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1A条一(c)|采用SOT - 89 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 400MA I(C) | SO 晶体管|晶体管|叩| 30V的五(巴西)总裁| 400mA的一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89
|
Zetex Semiconductor PLC Fujitsu, Ltd. Bourns, Inc. Amphenol, Corp.
|
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
PBSS2515VPN |
15 V low VCEsat NPN-PNP transistor 500 mA, 15 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR 15 V low VCE(sat) NPN/PNP transistor
|
NXP Semiconductors N.V.
|