PART |
Description |
Maker |
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
2N7002E11 2N7002ET1G 2N7002ET3G |
Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23 Small Signal MOSFET 60 V, 310 mA, TRENCH, N-Channel 260 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET
|
ON Semiconductor
|
SP0610LE-6288 BSS129E-6325 BSS149E-6288 |
180 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 350 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS AG INFINEON TECHNOLOGIES AG
|
SI4488DY-T1-E3 |
TRANSISTOR 3500 mA, 150 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal Trans MOSFET N-CH 150V 3.5A 8-Pin SOIC N
|
Vishay Siliconix
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
BSP317P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-223, RDSon = 4 SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
BSS84P06 BSS84P-L6327 BSS84P-L6433 |
SIPMOS Small-Signal-Transistor 170 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-3
|
Infineon Technologies AG
|
BSP373 |
Low Voltage MOSFETs - Small-Signal MOSFET, 100V, SOT-223, RDSon=0.3 Ohm, 1.7A, NL SIPMOS Small-Signal Transistor
|
INFINEON[Infineon Technologies AG]
|
2SK3991-ZK-E1-AZ 2SK3991-ZK-E2 2SK3991-AZ |
30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-252AA LEAD FREE, TO-252, MP-3ZK, 3 PIN 30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251AA
|
NEC, Corp.
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
|