PART |
Description |
Maker |
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
BA9743AFV11 |
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
LTC3834-1 LTC3834EGN-1-PBF LTC3834EGN-1-TRPBF LTC3 |
30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology
|
AIC1630 AIC1630-3CN AIC1630-3CS AIC1630-5CN AIC163 |
2-Cell, Step-Up DC/DC Converter Controller 2节电池,升压型DC / DC转换器控制器 2-Cell/ Step-Up DC/DC Converter Controller
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
LTC1771 LTC17711 LTC1771ES8 LTC1771IS8 LTC1771IS8T |
10A Quiescent Current High Efficiency Step-Down DC/DC Controller 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PDSO8 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, PDSO8 10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp.
|
LTC3834 LTC3834EFE-PBF LTC3834EFE-TRPBF LTC3834EUF |
30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30µA IQ Synchronous Step-Down Controller; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PQCC20 30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LT3740EDHC-TRPBF LT3740EDHC-PBF LT3740EDHCTRPBF |
Wide Operating Range, Valley Mode, No RSENSE Synchronous Step-Down Controller; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.14 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 Wide Operating Range, Valley Mode, No RSENSE?/a> Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LT1680CN LT1680ISW |
High Power DC/DC Step-Up Controller SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDIP16
|
Infineon Technologies AG LINEAR TECHNOLOGY CORP
|
SP6125 SP6125EK1-L/TR |
High-Voltage, Step Down Controller in TSOT6 SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO6 ROHS COMPLIANT, TSOT-6
|
Exar Corporation Exar, Corp.
|
LTC3824EMSE LTC3824EMSE-PBF LTC3824EMSE-TR LTC3824 |
High Voltage Step-Down Controller With 40μA Quiescent Current High Voltage Step-Down Controller With 40楼矛A Quiescent Current
|
Linear Technology
|