PART |
Description |
Maker |
ACS781 ACS781KLRTR-150B-T ACS781LLRTR-100B-T ACS78 |
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 μΩ Current Conductor Core-less, micro-sized, 100 A continuous current package
|
Allegro MicroSystems
|
CST2-100LC CST1-100LC CST1-060LC CST1-050LC CST1-0 |
Current sensor, SMT, RoHS 10 A CURRENT SENSE TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
ACS704ELC-005 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
|
Allegro MicroSystems, Inc.
|
PF1206FRF7W0R001 PF1206FRF7W0R05 PF1206FKM7W0R05 P |
CURRENT SENSOR - LOW TCR RoHS compliant & Halogen free CURRENT SENSOR - LOW TCR
|
YAGEO Corporation
|
ACS704ELC-015 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 全集成,霍尔效应为基础的电压绝缘及低电阻电流导体线性电流传感器
|
Allegro MicroSystems, Inc.
|
ACS758LCB-100B-PFF-T ACS758LCB-050B-PFF-T ACS758EC |
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 μΩ Current Conductor Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 楼矛楼? Current Conductor
|
Allegro MicroSystems
|
HM28-20002 HM28-25032 HM28-24016 HM28-35041 HM28-2 |
DATA LINE FILTER FERRITE BEAD SMD805 600R /-25% DCR=0.30 200MA M/L Buckle Style Core Common-Mode Chokes 扣风格核心共模扼流圈 0-SPEED DIFF 2-WIRE GTS W/TIN PLATE 扣风格核心共模扼流圈 130 AMP BI-DIRECTIONAL CURRENT SENSOR 扣风格核心共模扼流圈 2-WIRE DIFF SPEED AND DIRECTION GTS SEE ATS642LSHTN-I2-T 100A CURRENT SENSOR, CB-PFF-5, 754; Temp, op. min:-40(degree C); Temp, op. max:150(degree C); Pins, No. of:5; Case style:CB-PFF; Base number:754; Temperature, operating range:-40(degree C) to (degree C) RoHS Compliant: Yes SEE ATS643LSHTN-I2-T Multilayer Ferrite Beads; Series:ILBB; Inductance:600uH; Inductance Tolerance: /- 25 %; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:200mA; Impedance:600ohm; Leaded Process Compatible:Yes 100 AMP BI-DIRECTIONAL CURRENT SENSOR
|
BI TECHNOLOGIES CORP Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
TCD1709D |
The TCD1709D is a high sensitive and low dark current 7500 pixels CCD image sensor. TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
|
Toshiba Semiconductor
|
CSNE151 |
CSN Series closed loop current sensor, measures AC, DC or impulse current, 25 amp-turns nominal, 卤 36 amp-turns range, smaller housing, 1000 turn
|
Honeywell Solid State Electronics Center
|
ZMC10D |
Current Sensor
|
Diodes Incorporated
|