PART |
Description |
Maker |
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
SDB1545PH |
45V, 15A POWER SCHOTTKY RECTIFIER
|
KODENSHI KOREA CORP.
|
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
MBR1545CT MBR1530CT MBR1550CT MBR1540CT MBR1535CT |
15A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
TSF15L60CW |
15A, 60V Trench Schottky Rectifier
|
Taiwan Semiconductor Co...
|
MBRB1530CT MBRB1535CT MBRB1540CT MBRB1545CT |
15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
MC33470 MBRB1545CTT4 |
Synchronous Rectification, DC/DC Converter, Programmable Integrated Controller 15A 45V Schottky Rectifier
|
ON Semiconductor
|
SBT150-04J |
Schottky Barrier Diode (Twin Type ・ Cathode Common) 40V, 15A Rectifier
|
Sanyo Semicon Device
|
1N6775 1N6777 |
15Amp, 50-200V ultra-fast rectifier 100V, 15A, Ultra-Fast Power Rectifiers 2 Pin Package(100V, 15A,超快恢复电源整流器(2脚封
|
Omnirel
|
UGA15120 |
15A, 1200V Ultrafast Power Rectifier
|
Taiwan Semiconductor Co...
|
MBRV7030CTL MBRV7030CTL_D ON0481 |
TOOLS, ELECTRONIC KITS RoHS Compliant: NA SWIRCHMODE Schottky Power Rectifier(D3PAK Power Surface Mount Pakage) 70 AMPERES 30 VOLTS From old datasheet system SWIRCHMODE⑩ Schottky Power Rectifier(D3PAK Power Surface Mount Pakage)
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|