PART |
Description |
Maker |
SK320011 SK3200-TP |
3 Amp Schottky Rectifier 200 Volts 3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Micro Commercial Components Micro Commercial Compon...
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
MDA920A6 MDA920A4 MDA920A7 MDA920A2 MDA920A5 MDA92 |
1.5 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 25 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Motorola Mobility Holdings, Inc.
|
FCU20UC20 |
FRD - 20A Avg. 200 Volts 20 A, 200 V, SILICON, RECTIFIER DIODE
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
PC100F2 PD100F2 |
100Avg, 200 Volts 100 A, 200 V, SILICON, RECTIFIER DIODE
|
Nihon Inter Electronics Cor... NIEC[Nihon Inter Electronics Corporation] Nihon Inter Electronics, Corp.
|
CS218-35D CS218-35PB CS218-35B CS218-35N CS218-35M |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-218
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CMR1-02M CMR1-10M CMR1-04M CMR1-06M |
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CUD10-04 CUD10-02 CUD10-06 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER SINGLE, 10 AMPS, 200 THRU 600 VOLTS 10 A, 400 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CUD10-02 CUD10-04 CUD10-06 CUD10-04BK |
10 A, 400 V, SILICON, RECTIFIER DIODE SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER SINGLE, 10 AMPS, 200 THRU 600 VOLTS
|
Central Semiconductor Corp
|
UFM301L UFM302L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
|