PART |
Description |
Maker |
WRA4815YMT-3W WRB4815YMT-3W WRA0512YMT-3W WRB1212Y |
3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
|
Microdc power Technology Co., Ltd
|
HI-565A02 HI1-565ATD_883 HI1-565AJD-5 HI1-565ASD_8 |
High Speed. Monolithic D/A Converter with Reference High Speed, Monolithic D/A Converter with Reference D/A Converter, 12-Bit, 6.7MHz, Settles to .5LSB in 250ns (Max), with Reference, Mil Std
|
INTERSIL[Intersil Corporation]
|
ISL59612IA ISL59612IB ISL5961IB ISL5961IA ISL5961 |
14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 14-BIT DAC, PDSO28 CONNECTOR ACCESSORY 14-Bit 3.3V 130/210MSPS CommLinkTM High Speed D/A Converter 14-Bit/ 3.3V/ 130/210MSPS/ CommLinkTM High Speed D/A Converter
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TC7660H TC7660HCOA TC7660HEPA TCA7660 TC7660HCPA T |
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER The TC7660H is a pin-compatible,high frequency up-grade to the Industry standard TC7660 charge pump voltage converter.It converts a 1.5V to 10V input to a corresponding – 1.5V to – 10V output using only two low--cost capacito IC-CMOS- BINARY COUNTER 高频7660型DC - DC电压转换 HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER 高频7660型DC - DC电压转换
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc. Microchip Technology Inc.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CXA1106 CXA1106M CXA1106P |
8-Bit 35MSPS High-Speed D/A Converter(8位5MSPS高速D/A转换 8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
|
SONY[Sony Corporation]
|
5962-8968302HXX 5962-8968303HXX 5962-8968303HZX 59 |
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump 800mA, 2MHz, PWM DC-to-DC Step-Down Converter with Reset DC-to-DC Voltage Converter 型DC - DC电压转换
|
Rochester Electronics, LLC
|
2SK3128 EA09401 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) From old datasheet system SWITCHING TYPE POWER SUPPLY APPLICATIONS CONVERTER & CHOPPER APPLICATIONS
|
Toshiba Semiconductor
|
DAC08Q DAC08RC/883 DAC08EQ DAC08AQ |
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface) PARALLEL, 8 BITS INPUT LOADING, 0.085 us SETTLING TIME, 8-BIT DAC, CQCC20 8-Bit/ High-Speed/ Multiplying D/A Converter (Universal Digital Logic Interface) 8-Bit/ High Speed/ Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc.
|
2SC5459 |
Transistor Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching, DC-DC Converter, DC-AC Converter Applications
|
TOSHIBA
|
AFL12008SX AFL27005SYES AFL27005SWES AFL27005SWHB |
1-OUTPUT 80 W DC-DC REG PWR SUPPLY MODULE HYBRID-HIGH RELIABILITY DC/DC CONVERTER HYBRID-HIGH RELIABILITY DC/DC CONVERTER
|
International Rectifier
|
2SK3084 EA09398 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用 HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|