PART |
Description |
Maker |
K40P100M72SF1 MK40DX128VML7 MK40DX128VLL7 MK40DX25 |
K40 Sub-Family
|
Freescale Semiconductor, Inc
|
K40P121M100SF2 |
K40 Sub-Family
|
Freescale Semiconductor
|
HPC-7400MB-14A1E AGS-TESLA-K40-P |
4U GPU Server System With Xeon E5-2600 v3 CPU, support up to 2* Tesla K40 GPU cards and 1400W RPS
|
Advantech Co., Ltd.
|
EPF6016TC1 EPF6016TC144-3 EPF6016ATC144-2 EPF6016A |
Programmable Logic Device Family Flex 6000 Device Family (5.0V)
|
ALTERA
|
ST72XX-EMUX ST72EXX-EPB ST7MDTX-EMU2 |
Real-Time Development Tools for the ST7 MCU Family(ST7系列的实时开发工 EPROM Programming Boards for the ST7 MCU Family(ST7系列EPROM编程
|
意法半导
|
XC1700D XC17128DDD8M XC17256DDD8M XC1736DDD8M XC17 |
From old datasheet system QPRO Family of XC1700D QML Configuration PROMs QPRO家庭的PROM配置的XC1700D QML QPRO Family of XC1700D QML Configuration PROMs 64K X 1 CONFIGURATION MEMORY, CDIP8 Cascadable for storing longer or multiple bitstreams QPRO Family of XC1700D QML
|
http:// XILINX[Xilinx, Inc] Xilinx, Inc. Xilinx Inc XILINX INC
|
AMD-K6-166ALR AMD-K6233AFR AMD-K6200AFR AMD-K6300A |
Processor AMD-K6 family, operating voltage=3.1V.3V, 166MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 233MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 200MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 300MHz
|
Advanced Micro Devices
|
175T48 GS175T48-5E GS120 GS120T48-3.3 GS120T48-3.3 |
128 x 128 pixel format, LED or EL Backlight available 120W/175W的DC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175WDC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175W的DC - DC转换器家 120 W / 175 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
TOPP244R TOP242-249 TOP243P TOP245Y TOP242G |
Family Extended Power/ Design Flexible/Integrated Off-line Switcher Family Extended Power, Design Flexible,Integrated Off-line Switcher 家庭扩展的电源,设计灵活,集成的离线切换 Family Extended Power, Design Flexible,Integrated Off-line Switcher 1.44 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDIP7 Family Extended Power / Design Flexible / Integrated Off-line Switcher
|
Power Integrations Inc. Power Integrations, Inc. POWER INTEGRATIONS INC
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
IDT79RC32134 IDT79RC32V134DS IDT79RC32V134DSI IDT7 |
RISCore32300 Family System Controller Chip. **NOT RECOMMENDED FOR NEW DESIGNS** RISCore32300TM Family System Controller Chip
|
IDT[Integrated Device Technology]
|