PART |
Description |
Maker |
MAAL-010706-001SMB MAAL-010706-TR3000 |
Low Noise Figure Excellent Input Return Loss
|
M/A-COM Technology Solutions, Inc.
|
MAX4888B |
Superior Bandwidth Return Loss
|
Maxim Integrated Produc...
|
HM5164400LJ-5 HM5165400LJ-5 HM5165400J-5 HM5164400 |
IEC 61754-6; HRS No: 710-0087-3 40; Mating/Unmating Cycles: 500; Operating Temperature Range (degrees C): -25 to 70; Generic Name: MU; General Description: Cap IEC 61754-6; HRS No: 710-0076-7 00; Insertion Loss (dB): 0.5; Return Loss (dB)(Min.): 40; Generic Name: MU; General Description: Plug insertion/extraction tool x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
3M Company
|
0638100104 |
Hand Tool Return Spring Replacement
|
Molex Electronics Ltd.
|
FLD3F12JL |
MQW-DFB Return Path Laser
|
Fujitsu Media Devices
|
QPB2318TR13 |
15 dB Balanced Return Path Amplifier 5 ?210 MHz
|
TriQuint Semiconductor
|
FLD3F12JL |
1,310nm MQW-DFB Return Path Laser
|
Fujitsu Component Limited.
|
HPQ-09W HPQ-06 HPQ-10 HPQ-10W HPQ-04 HPQ-07 HPQ-08 |
POWER SPLITTERS/COMBINERS 690 MHz - 830 MHz RF/MICROWAVE COMBINER, 0.4 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 510 MHz - 570 MHz RF/MICROWAVE COMBINER, 0.4 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 900 MHz - 970 MHz RF/MICROWAVE COMBINER, 0.45 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 880 MHz - 1030 MHz RF/MICROWAVE COMBINER, 0.5 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 730 MHz - 800 MHz RF/MICROWAVE COMBINER, 0.4 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 315 MHz - 395 MHz RF/MICROWAVE COMBINER, 0.45 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 580 MHz - 690 MHz RF/MICROWAVE COMBINER, 0.4 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 680 MHz - 790 MHz RF/MICROWAVE COMBINER, 0.4 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 480 MHz - 600 MHz RF/MICROWAVE COMBINER, 0.4 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 380 MHz - 490 MHz RF/MICROWAVE COMBINER, 0.4 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 410 MHz - 455 MHz RF/MICROWAVE COMBINER, 0.35 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 1700 MHz - 2400 MHz RF/MICROWAVE SPLITTER AND COMBINER, 0.71 dB INSERTION LOSS POWER SPLITTERS/COMBINERS 990 MHz - 1100 MHz RF/MICROWAVE COMBINER, 0.45 dB INSERTION LOSS
|
Mini-Circuits
|
DL-5335AR-C530-HFAS DL-5345AR-C530-HFAS DL-5355AR- |
Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
|
http:// Optoway Technology Inc
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
CER0017A |
Excellent Rejection
|
CTS Corporation
|
STD15N65M5 |
Excellent switching performance
|
STMicroelectronics
|