PART |
Description |
Maker |
2SK4125 |
N-Channel Power MOSFET, 600V, 17A, 610mOhm, TO-3P-3L
|
ON Semiconductor
|
RJH60M3DPQ-E0 |
600V - 17A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
STD17NF03 STD17NF03L STD17NF03L-1 |
N-CHANNEL 30V 0.038 OHM 17A DPAK/IPAK STRIFET POWER MOSFET N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET POWER MOSFET N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET⑩ POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS [STMicroelectronics] STMICROELECTRONICS[STMicroelectronics]
|
IRL530NLPBF IRL530NSPBF IRL530NPBF |
Adavanced Process Technology HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10ヘ , ID=17A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10Ω , ID=17A )
|
International Rectifier
|
IRG4PC30FD |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条) 600V Fast 1-8 kHz Copack IGBT in a TO-247AC package
|
International Rectifier, Corp.
|
RJH60V3BDPP-M0-15 |
600V - 17A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
HUF76409D3 FN4665 HUF76409D3S |
17A/ 60V/ 0.071 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFET 17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil Corporation
|
IRFBC40S IRFBC40L IRFBC40STRR IRFBC40STRL |
600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A) Power MOSFET(Vdss=600V Rds(on)=1.2ohm Id=6.2A) CAP CER 1500PF 100V 20% X7R 0603 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)\u003d 1.2ohm,身份证\u003d 6.2A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFIBC20G IRFIBC20 IRFIBC20GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V/ Rds(on)=4.4ohm/ Id=1.7A) Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
|
IRF[International Rectifier]
|
SFT1445-TL-H SFT1445-H |
N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
|
ON Semiconductor
|