PART |
Description |
Maker |
AS1720 AS1720A AS1720B |
Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
|
austriamicrosystems AG
|
HCPL2730M HCPL2731M 6N139M 6N138SDVM HCPL2730SM HC |
8-Pin DIP Single-Channel Low Input Current High Gain Split Darlington Output Optocoupler Dual-Channel: HCPL2730M, HCPL2731M (Preliminary) Low Input Current High Gain Split Darlington Optocouplers Low current ?0.5mA 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
FAIRCHILD SEMICONDUCTOR CORP 光宝科技股份有限公司
|
24C16 ST25C16 ST25C16B1TR ST25C16B3TR ST25C16B5TR |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-6.4A; Package/Case:PowerPAK 1212-8 16千位串行I2C总线的EEPROM与用户定义的块写保护 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16千位串行I2C总线的EEPROM与用户定义的块写保护 MOSFET, DUAL NN POWERPAKMOSFET, DUAL NN POWERPAK; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:100V; Case style:PowerPak SO-8; Current, Id cont:1.8A; Current, Idm pulse:10A; Power, Pd:1.3W; Resistance, Rds MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.6A; On-Resistance, Rds(on):0.065ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:MICRO FOOT; Leaded Process Compatible:No MOSFET, DUAL, PP, POWERPAK; Transistor type:MOSFET; Current, Id cont:7A; Resistance, Rds on:0.02R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak; Charge, gate p channel:49nC; Current, Idm pulse:30A; Depth, RoHS Compliant: Yes (ST2xxx) 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16/8/4/2/1KbitSerialICBusEEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CS566 CS5661-D CS5661 CS5661EDWR16 CS5661EDW16 |
High Performance Dual Channel
Current Mode Controller with ENABLE
DESIGN High Performance Dual Channel Current Mode Controller with ENABLE
|
ON SEMICONDUCTOR
|
HCF4001BEY HCF4001BM1 HCF4001M013TR HCF4001B |
RF Bipolar Transistor; Collector Emitter Voltage, Vceo:3V; Transistor Polarity:Dual P Channel; Power Dissipation:150W; C-E Breakdown Voltage:200V; DC Current Gain Min (hfe):35; Collector Current:15A; DC Current Gain Max (hfe):160 QUAD 2-INPUT NOR GATE
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
AP2162A |
1.0A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
|
Diodes
|
MC34065P-L |
HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
|
MOTOROLA[Motorola Inc]
|
MP8042DF EV8042DF-00B MP8042 |
High Current, Dual Channel Power Half-Bridge
|
MPS[Monolithic Power Systems]
|
NTE1765 |
Integrated Circuit Dual Channel Current Mode Controller
|
NTE[NTE Electronics]
|
MP62340 MP62340DH MP62340DS MP62341DS MP62341DH |
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
|
Monolithic Power Systems
|
AO4900 |
Dual N-Channel 30-V (D-S) MOSFET High power and current handling capability
|
ShenZhen FreesCale Electronics. Co., Ltd
|
AO4914 |
Dual N-Channel 30-V (D-S) MOSFET High power and current handling capability
|
ShenZhen FreesCale Electronics. Co., Ltd
|