PART |
Description |
Maker |
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
IRFM150 2N7224 |
N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)(N娌?????MOS?烘?搴??(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)) N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)4A条的Rds(on):0.070Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00V的,身份证(续)4A条的Rds(on.070Ω))
|
SEMELAB LTD Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Semelab(Magnatec) SEME-LAB[Seme LAB]
|
SML9030-T254 SML9030T254 |
P-Channel MOS Transistor(Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω)(P沟道MOS晶体Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω))
|
Semelab(Magnatec) TT electronics Semelab Limited Seme LAB
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
IRFY430M-T257 |
Publications, Books RoHS Compliant: NA N-Channel Power MOSFET For HI-REL Application(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)(N沟道功率MOS场效应管,HI-REL应用(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
IRFN140SMD |
ER CET 0 22 A, 100 V, 0.125 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power MOSFET(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)3.9A,的Rds(on):0.077Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本100V的,身份证(续)3.9A时,RDS(对):0.077Ω))
|
TT electronics Semelab, Ltd. International Rectifier, Corp. Seme LAB
|
0541323297 0541323397 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
AT45DB2562NBSP AT45DB2562 |
256M bit, 2.7-Volt Only Dual-Interface Flash. This document is only available under NDA. Please cont From old datasheet system
|
Atmel Corp
|
3-84952-0 |
FPC ( Flexible Printed Circuit ) Connectors; 1MM FPC HORZ.BTTM CONT.ASS.30P ( AMP )
|
Tyco Electronics
|
|