PART |
Description |
Maker |
2832674 |
Ethernet switch, 6 TP RJ45 ports, 2 FO ports, 100 Mbps full duplex in ST-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
|
PHOENIX CONTACT
|
FUA FUP FUL |
Caps to Holder FUL, FUP, FUA Caps to Holder FUL, FUP, FUA
|
Schurter Inc.
|
DJIXPPAD0SE000 DJIXPPCD0SE000 DJIXPPAD0SE001 DJIXP |
Advanced 8-Port 10/100 Mbps PHY Transceivers 先进8端口10/100 Mbps的物理层收发 Advanced 8-Port 10/100 Mbps PHY Transceivers 先进端口10/100 Mbps的物理层收发
|
Intel Corp. Intel, Corp.
|
DJIXE972MLCA4 DJIXF972MLCA4 DJLXT972MCEA4 DJLXT972 |
Single-Port 10/100 Mbps PHY Transceiver 单端0/100 Mbps的物理层收发
|
Intel Corp. Intel, Corp.
|
K100N50X4 |
Half Flange Termination 100 Watts, 50楼? Half Flange Termination 100 Watts, 50Ω
|
Anaren Microwave
|
EH1300HSETTS-100.000M |
OSCILLATORS 100PPM -40 85 3.3V 4 100.000MHZ TS HCMOS HALF 8PIN DIP CRYSTAL OSCILLATOR, CLOCK, 100 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
82555 |
10/100 Mbps LAN Physical Layer Interface(10/100 M LAN 物理层接
|
Intel Corp.
|
XPC855TCZP50D4 XPC860DEZP50NN XPC860DPZP50NN XPC86 |
Quad integrated communications controller, 10/100 Mbps, 50 MHz Quad integrated communications controller, 10 Mbps, 50 MHz Quad integrated communications controller, 10 Mbps, 80 MHz Quad integrated communications controller, 10 Mbps, 66 MHz Hardware Specification Quad integrated communications controller, 10/100 Mbps, 80 MHz
|
Motorola
|
MAX3020EBP-T MAX3020EUP MAX3020EGP MAX3016EGP MAX3 |
1.2 to 3.6 V, 100 Mbps, 0.1 mA, 8-channel level translator
|
MAXIM - Dallas Semiconductor
|
AN3007 |
100 Mbps and Gigabit Ethernet protection
|
STMicroelectronics
|
MVTX2601 |
Unmanaged 24-Port 10/100 Mbps Ethernet Switch
|
Zarlink Semiconductor Inc.
|