PART |
Description |
Maker |
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
OM6017SA OM6018SA OM6019SA OM6020SA OM6019SW OM602 |
200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 500V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V单N沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Microsemi, Corp.
|
HCPL045309 HCPL0500 HCPL0501 HCPL0452 HCPL053 HCPL |
Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534 Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501 High Speed Transistor Optocouplers
|
Fairchild Semiconductor
|
ACPL-071L |
Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler
|
AVAGO
|
ACPL-074L-000E |
Single-channel and Dual-channel High Speed 15 MBd
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
BUK212-50Y BUK212_217_50Y-01 BUK217-50Y |
BUK212-50Y; BUK217-50Y; Single channel high-side TOPFET(tm) Single channel high-side TOPFET⑩ From old datasheet system Single channel high-side TOPFET TM Single channel high-side TOPFET垄芒 Single channel high-side TOPFET?/a> 25 A BUF OR INV BASED PRPHL DRVR, PSSO4 Single channel high-side TOPFET??/span>
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
SI8421-B-IS SI8420-C-IS SI8410-C-IS SI8420-A-IS SI |
SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
|
Silicon Laboratories Inc.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
2SK168 2SK168E 2SK168D 2SK168F |
Silicon N Channel MOS FET Silicon N-Channel Junction FET Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR|JFET|N-CHANNEL|8MA I(DSS)|TO-92 TRANSISTOR|JFET|N-CHANNEL|20MA I(DSS)|TO-92 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|场效应| N沟道| 12mA的我(直)|2
|
Hitachi Semiconductor Hitachi,Ltd.
|
NLAS2066USG |
Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
ON Semiconductor
|