PART |
Description |
Maker |
DH100ACDCLP |
4-Wire Photoelectric Low-Flow Duct Smoke Detector
|
Systemsensor advanced ideas.
|
A5064 |
4-Wire Photoelectric Low-Flow Duct Smoke Detector
|
Systemsensor advanced ideas.
|
DH100LP A5180 A5061 |
2-Wire Low-Flow Duct Smoke Detector
|
Systemsensor advanced ideas.
|
18073 18073-5 |
HTSNK B X-FLOW .4H LOW FLOW THRU HOLE HTSNK, B X-FLOW, .4H LOW FLOW THRU HOLE
|
VICOR[Vicor Corporation]
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CY7C1475V33-133BGXI CY7C1475V33-133BGI CY7C1475V33 |
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 8.5 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 6.5 ns, PQFP100 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构B>72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM) 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL?/a> Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL垄芒 Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
X9241AWP X9241AWPI X9241AMP X9241AWV X9241AWPIZ X9 |
Low Powr/2-Wire Serial Bus 低Powr/2-Wire串行总线 Low Powr/2-Wire Serial Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LE120ABDTR LE40ABZTR LE25CZ LE25ABDTR LE25ABZAP LE |
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT PFLEX SMT HR HI-TEMP W PEGS AU 26CKT 918038415 Monitors a steady state temperature and provides an alarm if the desired temperature measurement rises about the set point. VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT 极低降稳压器与抑制研 Acoustically monitors the flow of a liquid in a pip to verify upstream components are functioning correctly. Particularly suitable for areas around turbid flow (around valves, joints, elbows, etc.). 极低降稳压器与抑制研 PCB, Connector, Number Of Ways Of Terminal Block 12 极低降稳压器与抑制研
|
??????浣? http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V. Honeywell International, Inc.
|
GS8322Z18B-166I GS8322Z18B-225 GS8322Z18B-225I GS8 |
166MHz 8.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 225MHz 6.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 133MHz 11ns 2M x 18 36Mb NBT pipelined/flow through SRAM 150MHz 10ns 2M x 18 36Mb NBT pipelined/flow through SRAM 200MHz 7.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM
|
GSI Technology
|
ST-10 ST-1.5 ST-5 DH200PL DH200RPL ST-3 A5067 A506 |
Intelligent Low-Flow Duct Smoke Detectors
|
Systemsensor advanced ideas.
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|