PART |
Description |
Maker |
Y2123420R220F0L Y2123420R220A0L Y2123420R220A9L Y2 |
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 隆戮 0.05 ppm/隆?C, Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 【 0.05 ppm/∑C,
|
Vishay Siliconix
|
Z201250R00AB Z201250R00BB Z201250R00CB Z201250R00D |
Ultra High Precision Z-Foil Resistor with TCR of 【 0.05 ppm/∑C, PCR of 5 ppm at Rated Power, Tolerance of 【 0.005 % Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % Ultra High Precision Z-Foil Resistor with TCR of 卤 0.05 ppm/掳C, PCR of 5 ppm at Rated Power, Tolerance of 卤 0.005 % Ultra High Precision Z-Foil Resistor with TCR of 隆戮 0.05 ppm/隆?C, PCR of 5 ppm at Rated Power, Tolerance of 隆戮 0.005 %
|
Vishay Siliconix
|
S102K S106D S102J S102C |
High Precision Foil Resistor with TCR of 【 2.0 ppm/∑C, Tolerance of 【 0.005 % and Load Life Stability of 【 0.005 % High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
|
Vishay Siliconix
|
VCS232Z |
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 0.05 ppm/∑C and Load Life Stability to 0.005%
|
Vishay Intertechnology,Inc.
|
300198Z 300193Z 300194Z 300190Z 300195Z 300192Z 30 |
Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/隆?C and Resistance Match to 隆戮 0.005% (50 ppm) Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
|
Vishay Siliconix
|
Y000780K5000V9L |
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
|
Vishay Siliconix
|
Y14880R12400B0R Y14880R12400C0R Y14880R12400C9W Y1 |
Vishay Foil Resistors Bulk Metal? Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
|
Vishay Siliconix
|
Y11235K0000A0L Y11235K0000A9L Y11235K0000B0L Y1123 |
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 【 2 ppm/∑C, Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 卤 2 ppm/掳C, Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of ± 2 ppm/°C,
|
Vishay Siliconix
|
UXB02070G5491BR100 UXB0207ZGYYYYBR110 |
RES THNFLM 5.49K OHM 0.1% 1/4W 5PPM/ C AXL TH - Tape and Reel THIN FILM,1/8W,9.757K,.1%,5PPM,1K T/R,HAZMAT - Tape and Reel
|
Vishay Beyschlag
|
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|
5962-8764807QYA 5962-8764806QYA 5962-8764809QYA 59 |
x8 EPROM High-Precision, 10V Reference Pin-Programmable Precision Voltage Reference High-Precision 2.5V Voltage Reference x8存储
|
Littelfuse, Inc.
|