PART |
Description |
Maker |
SUD15P01-52 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) ZENER DIODES P-Channel 8-V (D-S), 175 C MOSFET P-Channel 8-V (D-S), 175C MOSFET
|
Vishay Siliconix
|
SUU40N06-24 SUD40N06-24 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 37A I(D) | TO-251 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
Vishay Intertechnology, Inc.
|
AD7689BCPZ AD7689BCPZRL7 AD7682BCPZ AD7682BCPZRL7 |
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
|
Analog Devices
|
AD7682 |
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
|
Analog Devices
|
STB18NF25 |
N-channel 250 V, 0.14 Ohm, 17 A low gate charge STripFET(TM) II Power MOSFET in D2PAK package N-channel 250 V, 0.14 Ω, 17 A low gate charge STripFET II Power MOSFET in D2PAK and DPAK packages
|
ST Microelectronics STMicroelectronics
|
JANS1N4959DUS JANS1N4966DUS CD74HC280MTE4 JANS1N66 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆)
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE
|
2SK2530 2SK2530TP-FA |
2000 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
IRFS244 |
N-Channel Power MOSFET50V.28Ω0.2AN沟道功率MOS场效应管(漏源电50V,导通电.28Ω,漏电流10.2A 10.2 A, 250 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
SI4434DY05 |
N-Channel 250-V (D-S) MOSFET
|
Vishay Siliconix
|
FDPF33N25T FAIRCHILDSEMICONDUCTORCORP-FDPF33N25T |
250V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail 33 A, 250 V, 0.094 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor
|
2SK1818-MR 2SK1818 |
N-CHANNEL ENHANCEMENT TYPE MOSFET 20 A, 250 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
C44AFGR6250ZA0J |
Film, Metallized Polypropylene, Power, C44A, 250 uF, 5%, 400 V, 250 V
|
Kemet Corporation
|
|