PART |
Description |
Maker |
0684291815 68429-1815 |
5.05mm (.198) Pitch Wire-To-Board Connector Housing, 3 Raw, 18 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
8XC196KB 80C196KB N83C196KB N87C196KB S83C196KB S8 |
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER 8XC196KB Automotive Application Specification Update Commercial CHMOS microcontroller. ROMless, 16MHz Commercial CHMOS microcontroller. ROMless, 12MHz Express CHMOS microcontroller. ROMless, 16MHz Commercial CHMOS microcontroller. ROM, 16MHz Commercial CHMOS microcontroller. EPROM, 16MHz Express CHMOS microcontroller. EPROM, 16MHz Express CHMOS microcontroller. ROM, 16MHz
|
http:// Intel
|
ANP-C-111-X ANP-C-112-X ANP-C-111 ANP-C-112 |
1575 MHz, Commercial airborne GPS antenna Commercial Airborne GPS Antennas 商用机载GPS天线
|
MA-Com
|
BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|
S80296SA EG80296SA50 S80296SA50 S80296SA40 |
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER 80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
|
Intel Corporation
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
C4520CH3F100F085KA C4520CH3F120K085KA C4532CH3F121 |
C Series Commercial Grade High Voltage (1000V and over) MULTILAYER CERAMIC CHIP CAPACITORS C Series Commercial Grade High Voltage (1000V and over)
|
TDK Electronics
|
N83C196KD N83C196KD20 N87C196KD N87C196KD20 S83C19 |
Commercial CHMOS microcontroller ROM, 32 Kbytes, 16 MHZ Commercial CHMOS microcontroller ROM, 32 Kbytes, 20 MHZ Commercial CHMOS microcontroller OTPROM, 32 Kbytes, 16 MHZ Commercial CHMOS microcontroller OTPROM, 32 Kbytes, 20 MHZ
|
Intel
|
11GNWB-2L |
RIGHT ANGLE ORANGE/GREEN DUAL COLOR LED LAMPS Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes
|
http:// MICRO-ELECTRONICS[Micro Electronics]
|
GB301A GA300 GA300A GA301 GA301A GB300 GB300A GB30 |
SCRs Commercial Nanosecond Switching Planar SCRs Commercial Nanosecond Switching Planar 9.42 A, 60 V, SCR, TO-59 SCRs Commercial Nanosecond Switching Planar 9.42 A, 100 V, SCR, TO-59
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
80196 N87C196KC20 S87C196KC20 S80C196KC20 SB80C196 |
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP80 COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER 商业/快递CHMOS单片 BOX ABS PLASTIC GRY 4.4X2.6X.83,1 BOX ABS PLASTIC GRY 3.6X2.6X.83,1 BOX ABS PLASTIC BLK 4.4X2.6X.83,1 BOX ABS PLASTIC BLK 3.6X2.6X.83,1
|
Intel Corporation Intel, Corp. Intel Corp.
|