PART |
Description |
Maker |
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
IRF320-323 IRF321 IRF322 IRF323 IRF320 IRF720 IRF7 |
N-Channel Power MOSFETs, 3.0 A, 350-400 V N沟道功率MOSFET.0甲,350-400 V TRI N PLUG M 0-48 N-Channel Power MOSFETs/ 3.0 A/ 350-400 V
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
7812 AD7811YRU AD7811YN AD7812YRZ AD7812YR-REEL7 |
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs 10-Bit, 8-Channel, 350 kSPS, Serial A/D Converter 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Analog Devices, Inc.
|
IRFZ30-005 IRFZ22-012 IRFZ25-012 IRF733-005PBF IRF |
30 A, 50 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 14 A, 50 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 16 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 4.5 A, 350 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 9.2 A, 80 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 80 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET 2.6 A, 200 V, 2.4 ohm, N-CHANNEL, Si, POWER, MOSFET 50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 3.3 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 5.6 A, 80 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET 30 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 13 A, 250 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET 4.4 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. Molex, Inc. VISHAY INTERTECHNOLOGY INC
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
T7300135 T7300145 T7300155 T7300235 T7300245 T7300 |
Phase Control SCR (350-550 Amperes Avg 100-2200 Volts) 第一阶段控制晶闸管(350-550安培平均100-2200伏特
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
ENA1198 SCH2408 |
350 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
CMP350-9601 CMP350-9603 CMP350 CMP350-9602 CMP350- |
4-OUTPUT 350 W AC-DC REG PWR SUPPLY MODULE Quad output 350 Watt AC/DC high wattage power supplies with PFC
|
ARTESYN[Artesyn Technologies]
|
NX3008NBKT-115 |
30 V, 350 mA N-channel Trench MOSFET
|
NXP Semiconductors
|
IRF610-613 IRF613 IRF611 IRF612 MPT2N18 MPT2N20 IR |
SPST, 150mA PC Mount Pushbutton N沟道功率MOSFET.5A的,15000 N-Channel Power MOSFETs, 3.5A, 150-200V N沟道功率MOSFET.5A的,15000 N-Channel Power MOSFETs/ 3.5A/ 150-200V N-Channel Power MOSFETs 3.5A 150-200V
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SOP-8PP |
A : MIN 1.350 MAX 1.750 A1 : MIN 0 MAX 0.150
|
Analog Microelectronics
|
|