PART |
Description |
Maker |
P6KE250-AP P6KE10A-AP P6KE10A-TP P6KE200A-AP P6KE2 |
600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS TVS 600W 7.5V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 68V BIDIRECT DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 24V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V BIDIRECT DO-15 TVS 600W 150V BIDIRECT DO-15 TVS 600W 20V BIDIRECT DO-15 TVS 600W 51V BIDIRECT DO-15
|
Micro Commercial Compon... http:// Micro Commercial Components, Corp.
|
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
CDNBS08-T24C CDNBS08-T03 CDNBS08-T05 CDNBS08-T03C |
CDNBS08-T03~T36C - TVS Diode Array Series 500 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
Bourns Inc. Bourns, Inc.
|
PUSB6B-T13 PUSB3B PUSB3B-LF-T7 PUSB3B-T7 PUSB6B PU |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE STEERING DIODE/ TVS ARRAY COMBO
|
http:// PROTEC[Protek Devices]
|
PSRDA05-4-T7 PSRDA3.3-4-LF-T13 PSRDA12-4-LF-T13 |
STEERING DIODE/ TVS ARRAY COMBO 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
CDNBS16-PLC05-6 |
TVS Diode Array 600 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
Bourns, Inc.
|
CDSC706-T15C CDSC706-T12C |
TVS Diode Array 100 W, BIDIRECTIONAL, 5 ELEMENT, SILICON, TVS DIODE
|
Bourns, Inc.
|
MMBZ15VAL MMBZ9V1AL MMBZ5V6AL10 MMBZ27VAL MMBZ6V2A |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS TVS UNIDIRECT CA 40W 14.5V SOT23 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
Diodes Incorporated Diodes, Inc.
|
ST13081 STI431 ST16012 ST15012 ST15011 STI709 STI7 |
MediaClock MPEG Clock Generator with VCXO DIODE TVS 150V 600W BIDIR 5% SMB 18-Mbit QDR-II SRAM 4-Word Burst Architecture TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 10A I(C) | TO-3 DIODE TVS 7.5V 600W UNI 5% SMB DIODE TVS 7.5V 600W BIDIR 5% SMB 3.3V 32K/64K x 16/18 Dual-Port Static RAM CAPSENSE EXPRESS EVALUATION KIT DIODE TVS 13V 600W UNIDIR 5% SMB Peppermint Board (CY22393 Candy Board) DIODE TVS 150V 600W UNI 5% SMB DIODE TVS 82V 600W BIDIR 5% SMB Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option 晶体管|晶体管|叩| 450V五(巴西)总裁|5A一(c)|04AA Failsafe™ 2.5V/ 3.3V Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
|