PART |
Description |
Maker |
FQI32N20C FQB32N20C FQB32N20CTM |
200V N-Channel Advance Q-FET C-Series 200V N-Channel MOSFET 28 A, 200 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQPF10N20C FQPF10N20CNL |
200V N-Channel Advance Q-FET C-Series 200V N-Channel MOSFET 9.5 A, 200 V, 0.36 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRC640 |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
|
IRF[International Rectifier]
|
IRFD9220 FN2286 |
600 mA, 200 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET From old datasheet system 0.6A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET
|
Intersil Corporation
|
IRFR9210 IRFU9210 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
FQB34N20L FQI34N20L FQB34N20LTMSB82076 FQB34N20LTM |
200V LOGIC N-Channel MOSFET 31 A, 200 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 200V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF9630S IRF9630STRL IRF9630STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A) Power MOSFET(Vdss=-200V/ Rds(on)=0.80ohm/ Id=-6.5A)
|
IRF[International Rectifier]
|
FQT4N20L FQT4N20LTF |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET 0.85 A, 200 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFD9220 |
Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-0.56A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-0.56A) -200V Single P-Channel HEXFET Power MOSFET in a HEXDIP package
|
IRF[International Rectifier]
|
IRHNA597260 2129 IRHNA593260 IRHNA597260PBF |
-200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package -200V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package From old datasheet system RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2) 35.5 A, 200 V, 0.11 ohm, P-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
FQPF10N20L |
TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 6.8A I(D) | TO-220F 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 6.8AI(四)|20F 200V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor, Corp.
|
IRFB31N20DPBF IRFS31N20D IRFS31N20DTRR IRFS31N20DT |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|