PART |
Description |
Maker |
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRF5Y3710CM |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*) 功率MOSFET N沟道(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.035ohm,身份证\u003d 18A POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.035ohm Id=18A*) THRU-HOLE (TO-257AA) 100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FQI44N10 FQB44N10 FQB44N10TM |
100V N-Channel QFET 100V N-Channel MOSFET 43.5 A, 100 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRFS59N10D IRFSL59N10D IRFB59N10D IRFB59N10 IRFS59 |
Power MOSFET(Vdss=100V/ Rds(on)max=0.025ohm/ Id=59A) Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
IRF7452 IRF7452TR |
100V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
|
IRF[International Rectifier]
|
FQI7N10L FQB7N10L FQI7N10LTU FQB7N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET 7.3 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STS2NF100 9055 |
N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET?/a> II POWER MOSFET N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
STMicroelectronics ST Microelectronics
|
IRFR5410 IRFU5410 IRFRU5410 IRFR5410TRL IRFR5410TR |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
FDPF3860T |
100V N-Channel PowerTrench MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel PowerTrench㈢ MOSFET 100V, 20A, 38.2mヘ N-Channel PowerTrench? MOSFET 100V, 20A, 38.2mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRHQ567110 IRHQ567110P IRHQ563110 IRHQ563110N IRHQ |
100V 300kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a 28-pin LCC package 100V Dual 2N- and 2P- Channel MOSFET in a 28-pin LCC package 100V的双n -2P -通道MOSFET的采8引脚LCC封装 RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28) RADIATION HARDENED POWER MOSFET 100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a 28-pin LCC package
|
HIROSE ELECTRIC Co., Ltd. IRF[International Rectifier]
|
IRF5EA1310 |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A) THRU-HOLE MOUNT (LCC-28) 100V, N-CHANNEL
|
IRF[International Rectifier]
|