PART |
Description |
Maker |
STGY40NC60VD STGY40NC60V |
N-CHANNEL 50A - 600V MAX247 VERY FAST POWERMESH" IGBT N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:220uF; Capacitance
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
NOSC226M008R0500 NOSC226M008S0500 NOSC227M001R0400 |
Niobium Oxide Capacitor Niobium Oxide Capacitor
|
AVX Corporation
|
STP30NE06 STP30NE06FP 6114 |
N - CHANNEL 60V - 0.042 Ohms - 30A - TO-220/TO-220FP STripFET POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.042 - 30A - TO-220/TO-220FP STripFET TM POWER MOSFET N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:47uF; Capacitance
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TA035TCM226KER TA016TCM475MAR TA025TCM226MDR |
CAP CHP TANT 22UF 35V 10% CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 22 uF, SURFACE MOUNT 4.7 UF TANTALUM CAPACITOR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 4.7 uF, SURFACE MOUNT CAP`TNT`SM`PLZ`22`UF`25V`20^```D-CASE CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT
|
Venkel, Ltd.
|
TCKIV475DT |
4.7UF, 10%, 35V, TANTALUM CAP, TANT, 35V, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916
|
Cal-Chip Electronics
|
STB90NF03L STB90NF03LT4 |
N-CHANNEL 30V 0.0056 OHM 90A D2PAK LOW GATE CHARGE STRIPFET POWER MOSFET N-CHANNEL 30V 0.0056 OHM 90A D2PAK LOW GATE CHARGE STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET POWER MOSFET Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:68uF; Capacitance
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
24254-2 24254 |
CAP, SOLID TANTALUM, 68 uF -20%, 30V
|
VICOR[Vicor Corporation]
|
20641-A 20641 |
CAP., SOLID TANTALUM 10uF, 20%, 25V
|
VICOR[Vicor Corporation]
|
T520B337M2R5A T520B337M2R5A1E012 T520B337M2R5A1E01 |
KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
|
Kemet Corporation
|
NOMX107M004R0100 NOMX227M001R0100 NOMX686M006R0100 |
CAPACITOR, NIOBIUM, 4 V, 100 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, NIOBIUM, 1.8 V, 220 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, NIOBIUM, 6.3 V, 68 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, NIOBIUM, 2.5 V, 150 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, NIOBIUM, 2.5 V, 68 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, NIOBIUM, 1.8 V, 100 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, NIOBIUM, 6.3 V, 33 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, NIOBIUM, 4 V, 47 uF, SURFACE MOUNT ROHS COMPLIANT
|
AVX, Corp.
|
|