PART |
Description |
Maker |
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFR014 IRFU014 IRFR014PBF IRFR014TR IRFR014TRL IR |
60V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A) Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
|
IRF[International Rectifier]
|
IRF9510S IRF9510STRL IRF9510STRR |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-100V Rds(on)=1.2ohm Id=-4.0A) Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A) Power MOSFET(Vdss=-100V/ Rds(on)=1.2ohm/ Id=-4.0A)
|
IRF[International Rectifier]
|
IRFI9634G |
-250V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V Rds(on)=1.0ohm Id=-4.1A) Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
|
IRF[International Rectifier]
|
IRF9Z24NL IRF9Z24NS IRF9Z24NSTRR IRF9Z24NSTRL |
-60V Single P-Channel HEXFET Power MOSFET in a TO-262 package -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.175ohm,身份证\u003d- 12A条) Power MOSFET(Vdss=-55V/ Rds(on)=0.175ohm/ Id=-12A)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IRF9640 IRF9640PBF |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-11A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-11A)
|
IRF[International Rectifier]
|
IRFP064N IRFP064NPBF |
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A) Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A?)
|
IRF[International Rectifier] Power MOSFET
|
IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?
|
IRF[International Rectifier]
|