PART |
Description |
Maker |
MC79L15ABD MC79L15ABP MC79L15CP MC79L00 MC79L00ACP |
From old datasheet system THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PBCY3 COVER, PSU; Length / Height, external:42.1mm; Width, external:96.5mm; Depth, external:172.7mm; Material:Aluminium; Series:HUL RoHS Compliant: Yes 5 V FIXED NEGATIVE REGULATOR, PBCY3
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
L7905CP L7905CD2T-TR L7912C-V |
5 V FIXED NEGATIVE REGULATOR, SFM3 5 V FIXED NEGATIVE REGULATOR, PSSO2 12 V FIXED NEGATIVE REGULATOR, PSFM3
|
STMICROELECTRONICS
|
42117-018 42117-015 42117-024 42117-030 42117 4211 |
NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 ** MISC CRYSTALS **
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
LM7908-39 SEMELABLTD-LM7908-TO39 LM7908-SM LM7815A |
8 V FIXED NEGATIVE REGULATOR, MBCY3 8 V FIXED NEGATIVE REGULATOR, CBCC3 15 V FIXED POSITIVE REGULATOR, MBFM2 15 V FIXED POSITIVE REGULATOR, PSFM3 15 V FIXED POSITIVE REGULATOR, MBCY3 24 V FIXED POSITIVE REGULATOR, PSFM3 24 V FIXED POSITIVE REGULATOR, CBCC3 15 V FIXED POSITIVE REGULATOR, MSFM3
|
SEMELAB LTD
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MC7908CD2TR4 |
1.0 A Negative Voltage Regulators 8 V FIXED NEGATIVE REGULATOR, PSSO2
|
Rectron Semiconductor
|
SG7905AT_883B SG7905IG SG7915AL_DESC SG7915AT SG79 |
SINGLEMODE FIBER PATCH CABLE, PLEM ST-ST 30M 15 V FIXED NEGATIVE REGULATOR, SFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5 V FIXED NEGATIVE REGULATOR, MBCY3 Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-35 RoHS Compliant: No JT 26C 26#20 PIN WALL RECP Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes JT 22C 22#22M PIN RECP JT 55C 55#22D PIN WALL RECP JT 10C 10#20 SKT RECP Circular Connector; No. of Contacts:10; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Negative Fixed Linear Voltage Regulators 15 V FIXED NEGATIVE REGULATOR, MBCY3
|
Microsemi, Corp. Microsemi Corporation MICRO-ELECTRONICS[Micro Electronics]
|
LT1175CQ-5PBF LT1175IQ-5TR LT1175IQ-5PBF LT1175IT- |
500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 5 V FIXED NEGATIVE LDO REGULATOR, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED NEGATIVE LDO REGULATOR, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED NEGATIVE LDO REGULATOR, PSFM5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MC7912CT-BP MC7907CT-BP MC7909CT-BP MC7905CT-BP MC |
VOLTAGE REG NEG 12V 1500MA TO220 12 V FIXED NEGATIVE REGULATOR, PSFM3 Three-Terminal Negative Voltage Regulators
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
MSK5940-10.0HRHTD MSK5940-10.0ERHS MSK5940-5.2KRHT |
10 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, SFM3 5.2 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, SFM3 5.2 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 12 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, SFM3
|
MS KENNEDY CORP
|
MC78905CT MC79XX MC78906CT MC78908CT MC78912CT MC7 |
Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included FIXED VOLTAGE REGULATOR (NEGATIVE) 3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS 三端负电压调节器1A
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|