PART |
Description |
Maker |
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
PE91007 |
SMA Male to UMCX Jack Adapter
|
Pasternack Enterprises, Inc.
|
ADT-2593-MF-SMA-02 ADT-2594-MM-SMA-02 ADT-2595-FF- |
Im-Series Adapters SMA Male Plug to SMA Female Jack
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
PE7407-40 |
40 dB Fixed Attenuator, SMA Female To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
SKKT19_12E SKKT19_14E SKKT19_16E SKKT19_06D SKKT19 |
THYRISTOR MODULES HDMI (M) TO DVI (F) 24 PIN SWIVEL ADAPTER DB9/RJ12 FEMALE MODULAR ADAPTE HDMI MALE- DVI FEMALE ADAPTER Inter Series Connector Adapter
|
SEMIKRON[Semikron International] ETC
|
PE39346H-36 |
SMA Female to Violet FAKRA Plug Cable 36 Inch Length Using RG316 Coax
|
Pasternack Enterprises,...
|
A23P1NA-103-10 A23J1BK-103-10 A24J1FL-103-11 A24J1 |
CABLE TERMINATED, MALE, SMA CONNECTOR, CRIMP, PLUG PANEL MOUNT, CABLE TERMINATED, FEMALE, SMA CONNECTOR, CRIMP, JACK PANEL MOUNT, FEMALE, SMA CONNECTOR, JACK
|
FCT ELECTRONIC GMBH
|
135101-R1-11.00 135101-R1-07.00 135101-R1-18.00 13 |
SMA STR PLUG TO SMA STR PLUG, USING 0.085 CONFORMABLE CABLE, XX.XX LENGTH INTERCONNECTION DEVICE
|
Amphenol Corporation
|
5095 |
SMA FEMALE TO SMA FEMALE RADIUS RIGHT ANGLE ADAPTER
|
List of Unclassifed Manufacturers
|
PE3C4054-18 |
Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG316-DS Coax
|
Pasternack Enterprises,...
|
PE3C4054-8 |
Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 8 Inch Length Using RG316-DS Coax
|
Pasternack Enterprises,...
|
PE7422 |
0 to 90 dB Dial Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts Up To 4 GHz
|
Pasternack Enterprises,...
|