PART |
Description |
Maker |
BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|
PE-SR047AL-STRAIGHT |
047 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
|
Pasternack Enterprises,...
|
RG405-U-STRAIGHT |
086 Semi-rigid Coax Cable with Copper Outer Conductor
|
Pasternack Enterprises,...
|
PE-SR402FLJ |
Formable 141 Semirigid Coax Cable with Tinned Braid Outer Conductor and Black FEP Jacket
|
Pasternack Enterprises,...
|
PE-SR402TN-STRAIGHT |
RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
0708797 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5 - 6 mm thick housing panels - HDFKV 50-VP GNYE
|
Phoenix Contact
|
8866002500 |
Tinned copper conductor, conductive polyethylene (Korona-Guard) over inner conductor provides uniform
|
List of Unclassifed Man...
|
BYX132G |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Brown; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes High-voltage car ignition diode
|
Philips Semiconductors NXP Semiconductors
|
Z2.302.0421.0 |
Terminal Block Ground Block; No. of Positions:1; Wire Size (AWG):2/0-6; Mounting Type:DIN Rail; Color:Yellow/Green MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
PHV12-2.0K2500P PHV12-1.0K5000P PHV12-350S10P PHV1 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 高压,电源供应器 KPT00E10-6SDN HV-Power Supplies
|
TRACO ELECTRONIC AG. TRACO[Traco Electronic AG]
|
PG1102W PY1102W BG1102W AY1102W BR1102W AA1102W |
Outer Dimension 3.0 x 1.5 x 1.5mm
|
STANLEY ELECTRIC CO.,LTD.
|