PART |
Description |
Maker |
PE7029-20-16 |
20 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7029-2 PE7029-2-16 |
2 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7029-10 |
10 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7396-6 |
6 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7009-30-16 |
30 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7009-1 |
1 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
|
Pasternack Enterprises,...
|
18N-0 18N-10F 18N-0M 18N-20F 6N-0F 6N-60 |
0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR ROHS COMPLIANT PACKAGE 0 MHz - 6000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
SUSUMU Co., Ltd.
|
ATT-578M-07-TNC-07 ATT-580M-34-TNC-07 |
0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR STAINLESS STEEL 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
CA150E02S01C CA150E02S10 CA075E04S02C |
0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 4000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
AMERICAN TECHNICAL CERAMICS CORP
|
A-0805-C-05DB A-1612-C-05DB A-1612-C-02DB A-0805-C |
0 MHz - 10000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
INTERNATIONAL MANUFACTURING SERVICES INC
|
KAT-1 |
Fixed Attenuator
|
Mini-Circuits
|
KAT-10 |
Fixed Attenuator
|
Mini-Circuits
|