PART |
Description |
Maker |
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
PE7029-30 PE7029-30-16 |
30 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7396-3 |
dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-7 |
7 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7009-30-16 |
30 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7009-2-16 |
2 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
|
Pasternack Enterprises,...
|
ATN3580-12 ATN3580-05 ATN3580-04 |
Fixed Attenuator Pads 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR 14-Bit 4-Quadrant Multiplying (Current Output) DAC with Byte-wide Parallel Interface; Package: PLCC; No of Pins: 28; Temperature Range: Commercial 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Skyworks Solutions, Inc.
|
AT10P AT10P-6.5DB500 AT10PK AT10S AT10S-6.5DB750 A |
10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators 0 MHz - 0.1 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 500 MHz RF/MICROWAVE FIXED ATTENUATOR
|
List of Unclassifed Man... TOCOSAMERICA, INC. ETC[ETC] List of Unclassifed Manufacturers http:// Tokyo Cosmos Electric Co., Ltd.
|
AT10PK30S600OHM6.5DB AT10S50OHM6.5DB AT10PK20S75OH |
0 MHz - 0.1 MHz RF/MICROWAVE FIXED ATTENUATOR ROHS COMPLIANT PACKAGE 0 MHz - 500 MHz RF/MICROWAVE FIXED ATTENUATOR ROHS COMPLIANT PACKAGE 0 MHz - 250 MHz RF/MICROWAVE FIXED ATTENUATOR ROHS COMPLIANT PACKAGE 0 MHz - 380 MHz RF/MICROWAVE FIXED ATTENUATOR ROHS COMPLIANT PACKAGE
|
Tokyo Cosmos Electric Co., Ltd.
|
TGL4201-10-EPU TGL4201-00-EPU TGL4201-06-EPU TGL42 |
Wideband Fixed Attenuators 0 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TriQuint Semiconductor,Inc. TriQuint Semiconductor, Inc.
|
58-6-33 45-3-33 |
0 MHz - 5000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 1500 MHz RF/MICROWAVE FIXED ATTENUATOR
|
|
KAT-1 |
Fixed Attenuator
|
Mini-Circuits
|