PART |
Description |
Maker |
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
PE7029-2 PE7029-2-16 |
2 dB Fixed Attenuator, 75 Ohm N Male to 75 Ohm N Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7396-2 |
2 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-7 |
7 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-10 |
10 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7009-20 |
20 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
|
Pasternack Enterprises,...
|
PE7009-10-16 |
10 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
|
Pasternack Enterprises,...
|
ATT-218F-52-NNN-02 ATT-218M-02-NNN-02 ATT-218M-52- |
0 MHz - 12400 MHz RF/MICROWAVE FIXED ATTENUATOR STAINLESS STEEL 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Central Technologies / CT Magnetics Bourns, Inc. Abracon, Corp. M/A-COM Technology Solutions, Inc.
|
2082 2082-6024-23 2082-4384-30N 2082-6023-13 2082- |
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Evaluation Kit for the MAX3663 QPL Fixed Coaxial Attenuators 七匹狼固定同轴衰减器 SMA Fixed Coaxial Attenuators Subminiature 形状记忆合金微型固定同轴衰减 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Amphenol, Corp. Dialight PLC Weidmuller, Corp. Air Cost Control Vishay社区 XMA CORP
|
KAT-0 |
Fixed Attenuator
|
Mini-Circuits
|