PART |
Description |
Maker |
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
2MP04-060-10 2MP04-060-12 2MP04-060-15 2MP04060 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
PI74ST1G86CX PI74ST1G86 PI74ST1G86TX |
High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 SOTiny Gate ST 2-Input Exclusive OR
|
Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation]
|
AD1154 AD1154AD AD1154BD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 低成本,16位精确的采样保持放大 Low Cost/ 16-Bit Accurate Sample-and-Hold Amplifier Low Cost, 16-Bit Accurate Sample-and-Hold Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
24LC04B-/SN 24LC04B-I/SL 24LC04B-I/SM 24LC04B-/SM |
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal 6-/8-/12-Port DS3/E3/STS-1 LIU Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs I2C Serial EEPROM I2C串行EEPROM Extremely Accurate I<sup>2</sup>C-Integrated RTC/TCXO/Crystal I2C串行EEPROM
|
Microchip Technology, Inc. Techspray
|
HCF4521 HCF4521B HCF4521BEY HCF4521BM1 HCF4521BM01 |
Octal Buffers/Drivers With 3-State Outputs 20-CFP -55 to 125 24 STAGE FREQUENCY DIVIDER 24-STAGE FREQUENCY DIVIDER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
LT1469ACDF-2-PBF LT1469ACDF-2-TRPBF LT1469AIDF-2-P |
DUAL OP-AMP, 450 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 350 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 600 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp Dual 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp Dual 200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MC74HC390 MC74HC390A MC74HC390AD MC74HC390ADR2 MC7 |
Dual 4-Stage Binary Ripple Counter with Divide-By-2 and Divide-By-5 Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 卤2 and 卤5 Sections
|
ONSEMI[ON Semiconductor]
|
MAX1450 1867 MAX1450CAP MAX1450EAP MAX1450C_D MAX1 |
Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Low-Cost / 1%-Accurate Signal Conditioner for Piezoresistive Sensors From old datasheet system Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
|
模拟信号调理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm
|
LT146809 LT1468CDDTRPBF LT1468IDDTRPBF LT1468AIDDT |
16-Bit Accurate Operational Amplifi er 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 500 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|