PART |
Description |
Maker |
MTP3055E |
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET MOSFET
|
New Jersey Semi-Conductor Products, Inc.
|
STP12PF06 STF12PF06 |
P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET P通道60V 0.18欧姆-2A TO-220/TO-220FP STripFET二功率MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MTP3055E |
N-CHANNEL 60V - 0.1 OHM - 12A TO-220 STRIPFET POWER MOSFET
|
ST Microelectronics
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP36NE06FP STP36NE06 5994 |
N-Channel 60V-0.032Ω-36A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.032Ω- 36A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.032 - 36A - TO-220/TO-220FP STripFETTM POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
HUF76407P3 |
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
STP45NE06 STP45NE06FP STP45NEO6 |
N-CHANNEL 60V - 0.022 OMH - 45A - TO-220/TO-220FP STRIPFET POWER MOSFET N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFETO POWER MOSFET Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP55NF06L STP55NF06LFP STB55NF06L STB55NF06L-1 ST |
N-CHANNEL 60V - 0.014 OHM - 55A T0-220/TO-22OFP/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.014 OHM - 55A T0-220/TO-22OFP/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET?II POWER MOSFET N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFETII POWER MOSFET N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET⑩II POWER MOSFET N-CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
STP14NF06 STP14NF10 |
N-CHANNEL 60V 0.1 OHM 14A TO-220 STRIPFET POWER MOSFET N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET?/a> POWER MOSFET N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET POWER MOSFET N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB55NF06T4 STB55NF0606 STB55NF06-1 STP55NF06 STP5 |
N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET II Power MOSFET N-channel 60V - 0.015ヘ - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STP12NM50FP STB12NM50 STB12NM50-1 STB12NM50T4 STP1 |
N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|