PART |
Description |
Maker |
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1703CG LTC1703 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID Synchronous 8-Bit Up/Down Binary Counters 24-PDIP 0 to 70
|
http:// Linear Technology Corporation
|
LTC3728LEGN-1TRPBF LTC3728LEGN-1PBF LTC3728LEUH-1 |
Dual, 550kHz, 2-Phase Synchronous Regulator
|
Linear Technology
|
LT1709 LT1709-8 |
Dual, 550kHz, 2-Phase Synchronous Regulator
|
Linear Technology
|
LTC3728LIGNPBF LTC3728LXCUHPBF LTC3728LCGNPBF LTC3 |
Dual, 550kHz, 2-Phase Synchronous Regulators Dual, 550kHz, 2-Phase Synchronous Regulators
|
Linear Technology
|
LTC1704BEGN LTC1704EGNTRPBF LTC1704EGNPBF LTC1704B |
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 650 kHz SWITCHING FREQ-MAX, PDSO16 550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller; Package: SSOP; No of Pins: 20; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3880-1 LTC3850 LTC3850-1 LTC3850-2 LTC3869-2 LT |
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
IS42SM81600E IS42SM16800E-6BLI IS42RM81600E-7TL IS |
128Mb Mobile Synchronous DRAM 8M X 16 SYNCHRONOUS DRAM, 5.4 ns, PBGA54 16M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 8M X 16 SYNCHRONOUS DRAM, 5.4 ns, PDSO54
|
Integrated Silicon Solution, Inc INTEGRATED SILICON SOLUTION INC
|
IP2002 IP2002TR |
Synchronous Buck Multiphase Optimized BGA Power Block. Synchronous Buck Synchronous Buck Integrated Power Semiconductors/ Drivers & Passives
|
International Rectifier
|
74LVC163 74LVC163D 74LVC163DB 74LVC163PW 74LVC163P |
From old datasheet system Presettable synchronous 4-bit binary counter; synchronous reset
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|