PART |
Description |
Maker |
02-09-8107 02-09-8103 02-09-8108 02-09-8109 02-09- |
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES 093 Male GrdPin Term Chain 18-22 BRASS, TIN FINISH, WIRE TERMINAL Crimp Pin Contact; Wire Size (AWG):22-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN FINISH, WIRE TERMINAL 093 Male GrdPin Term Chain 14-18 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
08-50-0028 08-58-0105 08-58-0118 08-58-0187 08-50- |
KK 156 TERM CRP 18-20 AWG TRIFURCON TIN BRASS, TIN (200) OVER COPPER FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Solderless Terminal; Body Material:Brass; Contact Plating:Tin; Series:6838; Wire Size (AWG):20-18; External Depth:0.11"; Lead Pitch:3.96mm; Operating Temp. Min:0 C; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
19019-0052 19019-0037 19019-0057 19019-0049 19019- |
.250X.032 FEM.QD AVIKRIMP (P-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK./REEL (PZ-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEM.QD AVIKRIMP (P-8139-032) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190190054 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.020 FEM.QD AVIK. TAPED (BB-8138T) 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD AVIKRIMP (BB-8191-032 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .187 FEMALE INSUL 14-16AWG 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK. TAPED (C-8143T)
|
Molex, Inc. MOLEX INC
|
35725-3910 |
HDT TERM = MXH25039-2 BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
1447C-10-5 1446A-32-5 1446A-35-5 1485A-51-5 1465G- |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
1304C-00 2000F-12 2000F-32 2000F-112 WINCHESTERELE |
BRASS, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
19221-0166 19221-0016 19221-0011 19221-0018 |
BATT. TERM. HD DC LUG GRY CC (192210166) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG PRP CC (192210016) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG BLK CC (192210011) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG YLW CC (192210018) COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
2024D-8 1309Z-12 1309Z-14 1309Z-16 1250B-1 1250B-1 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
1012-1-05-1-1 1022-1-05-21-1 1094-0-05-21-1 |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
|