PART |
Description |
Maker |
MCM2716 |
2048 x 8-Bit UV Erasable PROM
|
Motorola
|
IS93C56 |
2048-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
ET2716 ET2716Q-1 ET2716-1 ET2716Q |
16,384-BIT (2048 x 8) UV ERASABLE PROM MEMORY COMPONENTS 16K NMOS UV EPROM
|
STMICROELECTRONICS[STMicroelectronics] Thomson Components
|
HN462716 HN462716G |
2048-WORD x 8-BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE ONLY MEMORY 2048 word x 8 Bit UV Erasable and EPROM
|
HITACHI[Hitachi Semiconductor]
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
BR24L01A-W BR24L01AFJ-W BR24L01AFV-W BR24L01AFVM-W |
128×8 bit electrically erasable PROM 128 bit electrically erasable PROM 128位电可擦除可编程ROM
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
AM27512 AM27512-25DC AM27512-25DI AM27512-25DM AM2 |
65,536x8-Bit UV Erasable PROM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
IS93C76A IS93C86A |
(IS93C76A / IS93C86A) 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
BR34L02FV-W |
256 bit Electrically Erasable PROM 256? bit Electrically Erasable PROM
|
Rohm CO.,LTD.
|
KM28C64A KM28C65A |
8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
|
Samsung Electronic Samsung semiconductor
|
BR24L04FVM-W BR24L04-W |
512×8 bit electrically erasable PROM
|
Rohm
|
BR93LC56 BR93LC56F BR93LC56RF BR93LC56FV |
2,048-Bit Serial Electrically Erasable PROM
|
ROHM[Rohm]
|