PART |
Description |
Maker |
STM8S003K3 STM8S003F3P6TR STM8S003K3T6C STM8S003K3 |
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
|
STMicroelectronics
|
SC16IS74Q900 SC16IS74011 |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
|
NXP Semiconductors
|
XR28V384IM48-F |
UART Interface IC 3.3V Quad LPC UART w/ 128-Byte FIFO
|
Exar, Corp.
|
STM8AFHP5169 STM8AFP5269 STM8AFHP5198 STM8AFHP5189 |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
STM8S105S4U3 STM8S105S4U3CTR STM8S105S4U3TR STM8S1 |
Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I虏C Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I2C
|
STMicroelectronics http://
|
SC16IS752 SC16IS752IBS SC16IS752IPW SC16IS762 SC16 |
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT617-1 (HVQFN32); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
CAT24C01BGZI-REV-A CAT24C01BGZI-TE13REV-A CAT24C01 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MSOP-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8
|
3M Company Vicor, Corp.
|
STM8S207R8T6 STM8S207KBT3CTR STM8S207CBT3CTR STM8S |
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I虏C, CAN Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I2C, CAN
|
STMicroelectronics http://
|
NP5Q128A13ESFC0E NP5Q128AE3ESFC0E |
128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
|
Numonyx B.V
|
|