PART |
Description |
Maker |
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
LPC1751 LPC1754 LPC1756 |
(LPC1751 - LPC1758) 32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM
|
NXP Semiconductors
|
STM32F301K8 |
ARM Cortex-M4 32-bit MCU FPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ?3.6 V
|
STMicroelectronics
|
LPC4072FBD80 LPC4072FET80 LPC4074FBD144 LPC4074FBD |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; EMC; SPIFI 32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
|
NXP Semiconductors
|
LPC4330FET100 LPC4350FET180 LPC4310 LPC4350FET256 |
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
|
NXP Semiconductors
|
LPC4330 LPC4320 LPC4310 LPC4350 LPC435012 |
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
|
NXP Semiconductors
|
STM32F301K8 STM32F301K8U6 STM32F301R8T6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, Comparator, Op-Amp Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU,12-bit ADC 5 MSPS, Comparator, Op-Amp
|
ST Microelectronics
|
LPC4078FET180 LPC4076FET180 LPC4072FET80 LPC4078FB |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; EMC; SPIFI
|
NXP Semiconductors N.V.
|
STM32L100RCT6TR |
Ultra-low-power 32-bit Value Line ARM Cortex-M3 MCU with 256 Kbytes Flash, 32 MHz CPU, LCD, USB
|
ST Microelectronics
|
STM32F302C8T7 STM32F302C8Y6TR STM32F302C6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, Comparator, Op-Amp Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, Comparator, Op-Amp
|
ST Microelectronics
|
STM32F334K6T6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 32-Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, comparators, op-amp, hr timer
|
ST Microelectronics
|
STM32F429NI STM32F429NIH6 STM32F429NEH6 STM32F429N |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerateur, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, TFT
|
ST Microelectronics
|
|