PART |
Description |
Maker |
IDT71V547S100PF IDT71V547S100PFI IDT71V547S80PF ID |
From old datasheet system 128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM
|
IDT[Integrated Device Technology]
|
K7A403609B06 |
128Kx36/x32 & 256Kx18 Synchronous SRAM
|
Samsung semiconductor
|
KM718FV4021 |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
|
Samsung semiconductor
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
CY7C1351 7C1351 CY7C1351-66AC 7C1351-40 7C1351-50 |
128Kx36 Flow-Through SRAM with NoBL TM Architecture From old datasheet system 128Kx36 Flow-Through SRAM with NoBL Architecture
|
CYPRESS[Cypress Semiconductor]
|
UPD4382362GF-A75B UPD4382322GF-A75B UPD4382182GF-A |
x18 Fast Synchronous SRAM x16 Fast Synchronous SRAM x16快速同步SRAM x36 Fast Synchronous SRAM x36快速同步SRAM x32 Fast Synchronous SRAM X32号,快速同步SRAM
|
Electronic Theatre Controls, Inc.
|
CY7C1350B-166AC CY7C1350B-133AC CY7C1350B-100AC CY |
128Kx36 Pipelined SRAM with NoBL Architecture
|
CYPRESS[Cypress Semiconductor]
|
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
GS820E32A GS820E32AQ-4 GS820E32AQ-6I GS820E32AT-6I |
66MHz 18ns 64K x 32 2M synchronous burst SRAM 117MHz 11ns 64K x 32 2M synchronous burst SRAM 64K x 32 / 2M Synchronous Burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
UPD4382361GF-A85 UPD4382321GF-A85 UPD4382361GF-A90 |
x32 Fast Synchronous SRAM x36 Fast Synchronous SRAM x36快速同步SRAM x18 Fast Synchronous SRAM x18快速同步SRAM
|
Samsung Semiconductor Co., Ltd.
|
GS820E32AQ-5I GS820E32AT-5I GS820E32AT/Q-150/138/1 |
64K x 32 2M Synchronous Burst SRAM x32 Fast Synchronous SRAM X32号,快速同步SRAM
|
Electronic Theatre Controls, Inc. Aeroflex, Inc.
|