PART |
Description |
Maker |
VBO36-12NO8 VBO20-16NO2 VBE20-20NO1 FBO40-12N VBO6 |
3 PHASE, 30 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 20 A, 2000 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM 40 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 65 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
W06M W04M RB151 W02M W005M W08 W01 W06 W10 W01M W0 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:1.5A 1.5A Single Phase Silicon Bridge 1.5A SINGLE - PHASE SILICON BRIDGE 1.5ASinglePhaseSiliconBridge
|
Chenyi Electronics SEMTECH[Semtech Corporation]
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
DBF150 DBF150C DBF150G |
Silicon Diffused Junction Type 15A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
RS401L08 RS407GL-BP RS406GL-BP RS401GL-BP RS402GL- |
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 4A 1000V RS-4L 4 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 4A 200V RS-4L 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp. Micro Commercial Compon...
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
FBE22-06N1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Fast Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
VBO19 VBO19-12NO7 VBO19-06NO7 VBO19-08NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge
|
IXYS Corporation
|
VBO68-14NO7 VBO68 VBO68-16NO7 VBO68-08NO7 VBO68-12 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|